Part Number Hot Search : 
33411 HYS72D MBM29 93AA46 A225D KTA1709 TIL116X MT390
Product Description
Full Text Search
 

To Download IRG7IC18FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v ces = 600v i c = 7.5a, t c = 100c t sc 3 s, t j(max) = 150c v ce(on) typ. = 1.60v @ ic = 10a 
  
    
   ! "
#$% e g n-channel c    gc e gate collector emitter form quantity IRG7IC18FDpbf to-220 fullpak tube 50 IRG7IC18FDpbf base part number package type standard pack orderable part number insulated gate bipolar transistor withultrafast soft recovery diode 1 www.irf.com ? 2012 international rectifier july 27, 2012 IRG7IC18FDpbf features benefits low v ce(on) high efficienct motor drive application zero v ce(on) temperature coefficient efficiency stable over temperature ultra fast soft recovery co-pak diode optimized trade-off between lo w losses and emi performance square rbsoa and 100% clamp il tested rugged hard switching operation 3 s short circuit capability enables short circuit protection sche me fully isolated fullpak package easy heatsink assembly lead-free, rohs compliant environmentally friendlier absolute maximum ratings parameter max. units v ces collector-to-emitter voltage 600 v i c @ t c = 25c continuous collector current 14 i c @ t c = 100c continuous collector current 7.5 i nominal nominal current 24 i cm pulse collector current, v ge = 15v 40 i lm clamped inductive load current, v ge = 20v 40 a i f @ t c = 25c diode continous forward current 14 i f @ t c = 100c diode continous forward current 7.5 i fm diode maximum forward current  40 v ge continuous gate-to-emitter voltage 20 v v ge gate-to-emitter voltage 30 p d @ t c = 25c maximum power dissipation 30 p d @ t c = 100c maximum power dissipation 12 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in. (1.6mm) from case) mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) w downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 2 notes:  v cc = 80% (v ces ), v ge = 20v, l = 1.05mh, r g = 47 .  pulse width limited by max. junction temperature.  r is measured at t j of approximately 90c.  maximum limits are based on statistical sample size characterization. thermal resistance parameter min. typ. max. units r qjc (igbt) thermal resistance junction-to-case-(each igbt)  CCC CCC 4.1 r qjc (diode) thermal resistance junction-to-case-(each diode)  CCC CCC 5.1 r qcs thermal resistance, case-to-sink (flat, greased surface) CCC 0.50 CCC r qja thermal resistance, junction-to-ambient (typical socket mount) CCC CCC 65 c/w electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br) ces collector-to-emitter breakdown voltage 600 v v ge = 0v, i c = 250 a ? v (br)ces / ? t j temperature coeff. of breakdown voltage 0.62 v/c v ge = 0v, i c = 1.0ma (25c-150c) 1 . 4 0 i c = 5a, v ge = 15v, t j = 25c  1.60 1.85 i c = 10a, v ge = 15v, t j = 25c  1.20 i c = 5a, v ge = 15v, t j = 150c  1 . 6 0 i c = 10a, v ge = 15v, t j = 150c  v ge( th) gate threshold voltage 4.5 7.0 v v ce = v ge , i c = 420 a ? v ge(th) / ? tj threshold voltage temp. coefficient -14 mv/c v ce = v ge , i c = 420 a (25c - 150c) gfe forward transconductance 10 s v ce = 50v, i c = 10a, pw = 20 s i ces collector-to-emitter leakage current 1.0 25 v ge = 0v, v ce = 600v 3 6 0 v ge = 0v, v ce = 600v, t j = 150c v fm diode forward voltage drop 1.45 1.75 i f = 10a 1 . 4 0 i f = 10a, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 30v switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units q g total gate charge (turn-on) 40 60 i c = 10a q ge gate-to-emitter charge (turn-on) 8 12 nc v ge = 15v q gc gate-to-collector charge (turn-on) 20 30 v cc = 400v e on turn-on switching loss 350 570 e of f turn-off switching loss 415 630 j e total total switching loss 765 1200 i c = 10a, v cc = 400v, v ge = 15v t d(on) turn-on delay time 30 45 r g = 47 , l = 1.05mh, t j = 25c t r rise time 40 50 ns energy losses include tail & diode reverse recovery t d(off) turn-off delay time 180 200 t f fall time 170 190 e on turn-on switching loss 460 e of f turn-off switching loss 800 j e total total switching loss 1260 i c = 10a, v cc = 400v, v ge =15v t d(on) turn-on delay time 20 r g = 47 , l= 1.05mh, t j = 150c t r rise time 40 ns energy losses include tail & diode reverse recovery t d(off) turn-off delay time 225 t f fall time 370 c ies input capacitance 1010 v ge = 0v c oes output capacitance 39 v cc = 30v c res reverse transfer capacitance 25 f = 1.0mhz t j = 150c, i c = 40a rbsoa reverse bias safe operating area full square v cc 
 rg = 47 , v ge = +20v to 0v scsoa short circuit safe operating area v ge = 15v, v cc 
 rg = 47 , r shunt = 25m , t c = 100c erec reverse recovery energy of the diode 80 jt j = 150c t rr diode reverse recovery time 95 ns v cc = 400v, i f = 10a i rr peak reverse recovery current 11 a v ge = 15v, rg = 47 , l = 880 h 3 s pf v collector-to-emitter saturation voltage v ce(on) a v conditions downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 3 fig. 1 - typical load current vs. frequency (load current = i rms of fundamental) fig. 2 - maximum dc collector current vs. case temperature fig. 3 - power dissipation vs. case temperature fig. 4 - forward soa t c = 25c, t j 150c, v ge =15v fig. 5 - reverse bias soa t j = 150c, v ge =20v 25 50 75 100 125 150 t c (c) 0 2 4 6 8 10 12 14 i c ( a ) 25 50 75 100 125 150 t c (c) 0 5 10 15 20 25 30 p t o t ( w ) 10 100 1000 v ce (v) 1 10 100 i c ( a ) 0.1 1 10 100 f , frequency ( khz ) 0 2 4 6 8 10 12 14 l o a d c u r r e n t ( a ) for both: duty cycle : 50% tj = 150c tcase = 100c gate drive as specified power dissipation = 12w i square wave: v cc diode as specified 1 10 100 1000 v ce (v) 0.01 0.1 1 10 100 i c ( a ) 1msec 10 sec 100 sec tc = 25c tj = 150c single pulse dc downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 4 fig. 6 - typ. igbt output characteristics t j = -40c; tp = 20 s fig. 7 - typ. igbt output characteristics t j = 25c; tp = 20 s fig. 8 - typ. igbt output characteristics t j = 150c; tp = 20 s fig. 9 - typ. diode forward characteristics tp = 20 s fig. 11 - typical v ce vs. v ge t j = 25c fig. 10 - typical v ce vs. v ge t j = -40c 0 2 4 6 8 10 v ce (v) 0 10 20 30 40 i c e ( a ) v ge = 18v vge = 15v vge = 12v vge = 10v vge = 9.0v vge = 8.0v 0 2 4 6 8 10 v ce (v) 0 10 20 30 40 i c e ( a ) v ge = 18v vge = 15v vge = 12v vge = 10v vge = 9.0v vge = 8.0v 0 2 4 6 8 10 v ce (v) 0 10 20 30 40 i c e ( a ) v ge = 18v vge = 15v vge = 12v vge = 10v vge = 9.0v vge = 8.0v 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v f (v) 0 10 20 30 40 i f ( a ) -40c 25c 150c 5 1 01 52 0 v ge (v) 1 2 3 4 5 6 7 8 v c e ( v ) i ce = 5.0a i ce = 10a i ce = 20a 5 1 01 52 0 v ge (v) 1 2 3 4 5 6 7 8 v c e ( v ) i ce = 5.0a i ce = 10a i ce = 20a downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 5 fig. 12 - typical v ce vs. v ge t j = 150c fig. 13 - typ. transfer characteristics v ce = 50v; tp = 20 s fig. 14 - typ. energy loss vs. i c ; t j = 150c l = 1.05mh; v ce = 400v, r g = 47 ; v ge = 15v fig. 15 - typ. switching time vs. i c ; t j = 150c l = 1.05mh; v ce = 400v, r g = 47 ; v ge = 15v fig. 16 - typ. energy loss vs. r g ; t j = 150c l = 1.05mh; v ce = 400v, i ce = 10a; v ge = 15v fig. 17 - typ. switching time vs. r g ; t j = 150c l = 1.05mh; v ce = 400v, i ce = 10a; v ge = 15v 5 1 01 52 0 v ge (v) 1 2 3 4 5 6 7 8 v c e ( v ) i ce = 5.0a i ce = 10a i ce = 20a 567891 01 11 2 v ge (v) 0 10 20 30 40 i c e ( a ) t j = 25c t j = 150c 0 5 10 15 20 i c (a) 0 200 400 600 800 1000 1200 1400 1600 e n e r g y ( j ) e off e on 0 5 10 15 20 i c (a) 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on 0 20 40 60 80 100 rg ( ) 200 400 600 800 1000 e n e r g y ( j ) e off e on 0 20 40 60 80 100 r g ( ) 1 10 100 1000 s w i c h i n g t i m e ( n s ) t r td off t f td on downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 6 fig. 18 - typ. diode i rr vs. i f t j = 150c fig. 19 - typ. diode i rr vs. r g t j = 150c fig. 20 - typ. diode i rr vs. di f /dt v cc = 400v; v ge = 15v; i f = 10a; t j = 150c fig. 21 - typ. diode q rr vs. di f /dt v cc = 400v; v ge = 15v; t j = 150c fig. 22 - typ. diode e rr vs. i f t j = 150c 0 5 10 15 20 25 i f (a) 5 10 15 20 i r r ( a ) r g = 10 r g = 22 r g = 47 r g = 100 0 25 50 75 100 r g ( ) 6 8 10 12 14 16 18 i r r ( a ) 200 300 400 500 600 di f /dt (a/ s) 6 8 10 12 14 16 i r r ( a ) 100 300 500 700 900 di f /dt (a/ s) 200 400 600 800 1000 1200 q r r ( n c ) 22 10 100 47 10a 5a 20a 0 5 10 15 20 25 i f (a) 0 50 100 150 200 e n e r g y ( j ) r g = 10 r g = 22 r g = 47 r g = 100 fig. 23 - typ. v ge vs. short circuit time v cc =400v, t c =25c 8 1 01 21 41 61 8 v ge (v) 3 5 7 9 11 13 15 t i m e ( s ) 10 30 50 70 90 110 130 c u r r e n t ( a ) t sc i sc downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 7 fig. 24 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz fig 26. maximum transient thermal impedance, junction-to-case (igbt) fig. 25 - typical gate charge vs. v ge i ce = 10a; l = 1mh fig. 27. maximum transient thermal impedance, junction-to-case (diode) 0 100 200 300 400 500 v ce (v) 1 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres 0 5 10 15 20 25 30 35 40 45 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) v ces = 400v v ces = 300v 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.4924 0.000340.6397 0.00148 1.3151 0.08701 1.6558 2.12610 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.5922 0.000241.4078 0.00127 1.5914 0.04596 1.8102 1.90530 downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 8 fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit 0 1k vcc dut l l rg 80 v dut vcc + - fig.c.t.5 - resistive load circuit rg vcc dut r = vcc icm fig.c.t.3 - s.c. soa circuit fig.c.t.4 - switching loss circuit l rg vcc dut / driver diode clamp / dut -5v dc 4x dut vcc downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 9 fig. wf3 - typ. diode recovery waveform @ t j = 150c using fig. ct.4 fig. wf1 - typ. turn-off loss waveform @ t j = 150c using fig. ct.4 fig. wf2 - typ. turn-on loss waveform @ t j = 150c using fig. ct.4 fig. wf4 - typ. s.c. waveform @ t j = 25c using fig. ct.3 -5 0 5 10 15 20 25 30 -100 0 100 200 300 400 500 600 -0.2 -0.1 0 0.1 0.2 0.3 i ce (a) v ce (v) time ( s) test current 90% i ce 5% v ce 10% i ce tr eon loss -15 -10 -5 0 5 10 15 -0.25 0.00 0.25 0.50 i f (a) time ( s) peak i rr t rr q rr -50 0 50 100 150 200 250 -100 0 100 200 300 400 500 -2-101234567 ice (a) vce (v) time (us) vce ice -5 0 5 10 15 20 25 30 -100 0 100 200 300 400 500 600 -0.4-0.2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 i ce (a) v ce (v) time( s) 90% i ce 5% v ce 10% i ce eoff loss tf downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 10 note: for the most current drawing please refer to ir website at http://www.irf.com/package/ to-220ab full-pak package outlinedimensions are shown in millimeters (inches) to-220ab full-pak part marking information logo in the assembly line "k" as s embl ed on ww 24, 2001 example: lot code 3432 this is an irfi840g wi t h as s e mb l y part number int ernational rectifier 124k irf i840g note: "p" in assembly line position i ndi cates "l ead- f r ee" line k week 24 year 1 = 2001 dat e code lot code as s e mb l y 34 32 to-220ab full-pak package is not recommended for surface mount application. downloaded from: http:///
IRG7IC18FDpbf www.irf.com ? 2012 international rectifier july 27, 2012 11 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . data and specifications subject to change without notice. ?  qualification standards can be found at international rectifiers web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release. qualification information ? moisture sensitivity level to220 fullpak not applicable qualification level industrial (per jedec jesd47f guidelines ) ?? comments: this part number(s) passed industrial qualification. irs consumer qualification level is granted by extension of the higher industrial level. rohs compliant yes downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRG7IC18FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X